Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706TAM6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM706TAM6F
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TAM6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM706TAM6F Datasheet HTML 18Page - STMicroelectronics STM706TAM6F Datasheet HTML 19Page - STMicroelectronics STM706TAM6F Datasheet HTML 20Page - STMicroelectronics STM706TAM6F Datasheet HTML 21Page - STMicroelectronics STM706TAM6F Datasheet HTML 22Page - STMicroelectronics STM706TAM6F Datasheet HTML 23Page - STMicroelectronics STM706TAM6F Datasheet HTML 24Page - STMicroelectronics STM706TAM6F Datasheet HTML 25Page - STMicroelectronics STM706TAM6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DC and AC parameters
STM706T/S/R, STM706P, STM708T/S/R
22/32
Doc ID 10518 Rev 12
6
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in Table 6: DC and AC characteristics are
derived from tests performed under the measurement conditions summarized in Table 5:
Operating and AC measurement conditions. Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Figure 25.
AC testing input/output waveforms
Figure 26.
Power-fail comparator waveform
Table 5.
Operating and AC measurement conditions
Parameter
STM70x
Unit
VCC supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤ 5
ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
AI02568
0.8 V CC
0.2 V CC
0.7 V CC
0.3 V CC
AI08860a
VCC
VRST
trec
RST
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com