Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM706P
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706P Datasheet(HTML) 1 Page - STMicroelectronics

  STM706P Datasheet HTML 1Page - STMicroelectronics STM706P Datasheet HTML 2Page - STMicroelectronics STM706P Datasheet HTML 3Page - STMicroelectronics STM706P Datasheet HTML 4Page - STMicroelectronics STM706P Datasheet HTML 5Page - STMicroelectronics STM706P Datasheet HTML 6Page - STMicroelectronics STM706P Datasheet HTML 7Page - STMicroelectronics STM706P Datasheet HTML 8Page - STMicroelectronics STM706P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
August 2012
Doc ID 10518 Rev 12
1/32
1
STM706T/S/R, STM706P, STM708T/S/R
3 V supervisor
Datasheet
production data
Features
Precision VCC monitor
– T: 3.00 V
≤ VRST ≤ 3.15 V
– S: 2.88 V
≤ VRST ≤ 3.00 V
– R: STM706P: 2.59 V
≤ VRST ≤ 2.70 V
RST and RST outputs
200 ms (typ.) trec
Watchdog timer - 1.6 s (typ.)
Manual reset input (MR)
Power-fail comparator (PFI/PFO)
Low supply current - 40 µA (typ.)
Guaranteed RST (RST) assertion down to
VCC = 1.0 V
Operating temperature: –40 °C to 85 °C
(industrial grade)
RoHS compliance
– Lead-free components are compliant with
the RoHS directive
Applications
Computers
Controllers
Intelligent instruments
1.
Contact local ST sales office for availability.
Critical µP power monitoring
Terminals
Base stations
Medical equipment
Set-top box
8
1
SO8 (M)
TSSOP8 3x3 (DS)(1)
Table 1.
Device summary
Watchdog
input
Watchdog
output(1)
Active low
RST(1)
Active high
RST(1)
Manual
reset input
Power-fail
comparator
STM706T/S/R
✓✓
STM706P(2)
✓✓
STM708T/S/R
✓✓
1.
Push-pull output.
2.
The STM706P device is identical to the STM706R device, except its reset output is active high.
www.st.com


Similar Part No. - STM706P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706P STMICROELECTRONICS-STM706P Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
STM706P STMICROELECTRONICS-STM706P Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM706P2 STMICROELECTRONICS-STM706P2 Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
STM706PDS6E STMICROELECTRONICS-STM706PDS6E Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
More results

Similar Description - STM706P

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
3/3.3/4.0 V uP Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
5 V or 3 V NVRAM supervisor for LPSRAM
25-Oct-2010
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com