Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706P Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM706P
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706P Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM706P Datasheet HTML 24Page - STMicroelectronics STM706P Datasheet HTML 25Page - STMicroelectronics STM706P Datasheet HTML 26Page - STMicroelectronics STM706P Datasheet HTML 27Page - STMicroelectronics STM706P Datasheet HTML 28Page - STMicroelectronics STM706P Datasheet HTML 29Page - STMicroelectronics STM706P Datasheet HTML 30Page - STMicroelectronics STM706P Datasheet HTML 31Page - STMicroelectronics STM706P Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package mechanical data
STM706T/S/R, STM706P, STM708T/S/R
28/32
Doc ID 10518 Rev 12
Figure 30.
TSSOP8 – 8-lead, thin shrink small outline, 3 x 3 mm body size, outline
Note:
Drawing is not to scale.
TSSOP8BM
1
8
CP
c
L
E
E1
D
A2
A
e
b
4
5
A1
L1
Table 8.
TSSOP8 - 8-lead, thin shrink small outline, 3 x 3 mm body size,
mechanical data
Symbol
Dimensions
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
A2
0.85
0.75
0.95
0.034
0.030
0.037
b
0.25
0.40
0.010
0.016
c
0.13
0.23
0.005
0.009
CP
0.10
0.004
D
3.00
2.90
3.10
0.118
0.114
0.122
e
0.65
0.026
E
4.90
4.65
5.15
0.193
0.183
0.203
E1
3.00
2.90
3.10
0.118
0.114
0.122
L
0.55
0.40
0.70
0.022
0.016
0.030
L1
0.95
0.037
α
N
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com