Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC20-R56M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLC20-R56M-RC
Description  Multilayer Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLC20-R56M-RC Datasheet(HTML) 1 Page - Allied Components International

  MLC20-R56M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLC20-R047M-RC
.047
20
20
50
320
0.15
300
MLC20-R068M-RC
.068
20
20
50
280
0.25
300
MLC20-R10M-RC
.10
20
25
25
235
0.25
250
MLC20-R12M-RC
.12
20
25
25
220
0.30
250
MLC20-R15M-RC
.15
20
25
25
200
0.30
250
MLC20-R18M-RC
.18
20
25
25
185
0.40
250
MLC20-R22M-RC
.22
20
25
25
170
0.40
250
MLC20-R27M-RC
.27
20
25
25
150
0.50
250
MLC20-R33M-RC
.33
20
25
25
145
0.60
250
MLC20-R39M-RC
.39
20
25
25
135
0.50
200
MLC20-R47M-RC
.47
20
25
25
125
0.60
200
MLC20-R56M-RC
.56
20
25
25
115
0.70
150
MLC20-R68M-RC
.68
20
25
25
105
0.80
150
MLC20-R82M-RC
.82
20
25
25
100
0.90
100
MLC20-1R0K-RC
1.0
10
45
10
75
0.40
100
MLC20-1R2K-RC
1.2
10
45
10
65
0.50
100
MLC20-1R5K-RC
1.5
10
45
10
60
0.50
80
MLC20-1R8K-RC
1.8
10
45
10
55
0.50
70
MLC20-2R2K-RC
2.2
10
45
10
50
0.60
60
MLC20-2R7K-RC
2.7
10
45
10
45
0.60
60
MLC20-3R3K-RC
3.3
10
45
10
41
0.70
60
MLC20-3R9K-RC
3.9
10
45
10
38
0.80
50
MLC20-4R7K-RC
4.7
10
45
10
35
0.90
50
MLC20-5R6K-RC
5.6
10
45
4
32
0.70
25
MLC20-6R8K-RC
6.8
10
45
4
29
0.80
25
MLC20-8R2K-RC
8.2
10
45
4
26
0.90
25
MLC20-100K-RC
10
10
45
2
24
1.00
25
MLC20-120K-RC
12
10
45
2
22
1.00
15
MLC20-150K-RC
15
10
35
1
19
0.70
5
MLC20-180K-RC
18
10
35
1
18
0.75
5
MLC20-220K-RC
22
10
35
1
16
0.90
5
MLC20-270K-RC
27
10
35
1
14
0.90
5
Multilayer Chip Inductors
MLC20
IDC
Max.
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Electrical
Q vs. Frequency Characteristics:
Measured on Impedance Analyzer
HPA4195A.
Inductance vs. Temperatur e
Characteristics:
Measured on LCR Meter HP4285A.
Impedance
vs.
Frequenc y
Characteristics:
Measured on Impedance Analyzer
HP4195A.
Inductance vs. DC Curren t
Characteristics: Measured on LCR Meter
HP42585A.
Tolerance: For 20% use M, 10% use K
and 5% use J as part number suffix.
Mechanical
Solderability: 90% terminal coverage.
Preheat: 150ºC for 60 sec. Solder:
H63A. Solder Temp.: 260 ± 5°C. Flux:
rosin. Immersion time 10 ± 1 sec.
Environmental
Thermal Shock: Inductance shall be
within ± 5% of of initial value. Q shall be
within ± 30% of initial value within temp.
range of -40°C to +125ºC for 30 min.
Each for >100 cycles.
Humidity Resistance: Same results as
above. Temp.: 40°C. Humidity: 95%
RH. Time: 1000 hrs.
High Temp. Resistance: Same results
as above. Temp: 85°C. Time: 1000 hrs.
Low Temp Resitance: Same results as
above. Temp.: 40°C. Time: 1000 hrs.
Operating Temp.: -40°C to +125ºC
Storage Temp.: -40° C to +85° C.
Physical
Packaging: 3000 pieces per 7 inch reel.
Available in tighter tolerances.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.126±0.008
(3.20±0.20)
0.063±0.008
(1.60±0.20)
0.043±0.008
(1.09±0.20)
0.043±0.008
(1.09±0.20)
0.078
(1.98)
0.054
(1.37)
0.047
(1.19)
Dimensions:
Inches
(mm)
MLC20-R082M-RC
.082
20
20
50
250
0.25
300
MLC20-R056M-RC
.056
20
20
50
280
0.25
300
All specifications subject to change without notice.
Revised 11/26/13


Similar Part No. - MLC20-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLC20-R56M-RC ALLIED-MLC20-R56M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
More results

Similar Description - MLC20-R56M-RC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com