Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200T-R Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # ST6200T-R
Description  Dual Line Interface Transformer for E4/STM-1 Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST6200T-R Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  ST6200T-R Datasheet HTML 1Page - Pulse A Technitrol Company ST6200T-R Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SONET/SDH
Dual Line Interface Transformer for
E4/STM-1 Applications
Part
Turns Ratio
Primary Inductance
Leakage Inductance
Interwinding Capacitance
DC Resistance
Hipot
Number
(±5%)
OCL (µH MIN)
LL
CWW
DCR
(Vrms MIN)
@ 20m Vrms, 100 kHz
(nH MAX)
(pF MAX)
(
W MAX)
ST6200T
1 : 1
36.0
100
6.0
.30
1500
Note: Modules are packaged in tubes unless Tape & Reel packaging is specified. Add the suffix “-R” (such as ST6200T-R) for Tape & Reel orders.
Tape & Reel parts can only be ordered in multiples of 1000 pieces.
PRELIMINARY A105.P (10/99)
Mechanical
Schematic
ST6200T
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
Weight . . . . . . .1.0 grams (max)
Tape & Reel . . . . . . . .1000/reel
Tube . . . . . . . . . . . . . . .42/tube
Compliant with ITU-T/G.703
Supports 139.264 (E4) and 155.52 (STM-1) Mbps for
Coded Mark Inversion (CMI) interfaces
Designed to interface with Level One’s LXT6155 for use
with 75
W coaxial cable
Dual design supports transmit and receive circuitry
Designed for fast rise time and low signal distortion
.457
MAX
11,61
.350
8,89
.260
MAX
6,60
.375
MAX
9,53
.068
MAX
1,73
PIN 1
14X
.050
1,27
.233
MAX
5,92
.003/.020
0,08/0,51
.004 / 0,102
16 SURFACES
ST6200T
DATE CODE
CTRY ORIGIN
REV
SUGGESTED PAD LAYOUT
.221
5,61
.092
2,34
.405
10,29
.350
8,89
.050
1,27
.030
0,76
.020
MIN
0,51
0 - 8°
16
15
T1
T2
14
1
2
3
6
7
8
11
10
9
U.S: 858 674 8100
···· U.K: 44 1483 401 700 ···· France: 33 3 84 35 04 04 ···· Singapore: 65 287 8998 ···· Taiwan: 886 2 2698 0228 ···· http://www.pulseeng.com


Similar Part No. - ST6200T-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
01-Jan-1970
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results

Similar Description - ST6200T-R

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5038G PCA-EPB5038G Datasheet
25Kb / 1P
Discrete Line Interface Transformer
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
E4/STM-1/OC-3 ATM TRANSCEIVER
logo
Rhombus Industries Inc.
T-1140 RHOMBUS-IND-T-1140 Datasheet
34Kb / 1P
ADSL Line Interface Transformer
08/21/98
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
logo
PCA ELECTRONICS INC.
EPD1035GE PCA-EPD1035GE Datasheet
38Kb / 1P
CEP8 Line Interface Transformer
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1624SE PCA-EPR1624SE Datasheet
39Kb / 1P
E4/STM-1 Dual Line Interface Transformer
logo
SCHOTT CORPORATION
22264 SCHOTT-22264 Datasheet
23Kb / 1P
T-1 LINE INTERFACE TRANSFORMER 1:2 CT
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com