Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6200T-R Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # ST6200T-R
Description  Dual Line Interface Transformer for E4/STM-1 Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST6200T-R Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  ST6200T-R Datasheet HTML 1Page - Pulse A Technitrol Company ST6200T-R Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For More Information :
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Printed on recycled paper. ©1999, Pulse Engineering, Inc.
SONET/SDH
Dual Line Interface Transformer for
E4/STM-1 Applications
Application Notes:
Pulse has designed the ST6200T, SONET/SDH dual line interface
transformer specifically for high-speed, STM-1/E4 serial data
interfaces utilizing 75
W coax cable. The isolation transformer
protects the station from static charges that may develop on the
cable and prevents ground loop currents from being transferred
between stations. These devices have also been designed to
provide inherent common rejection within the transmission pass
band and thus reduce EMI. The high bandwidth of these devices
minimizes data dependent jitter (DDJ) by providing fast signal rise
times with minimal signal distortion. Insertion loss is typically less
than –3 dB within 10 MHz to 320 MHz passband and return loss is
typically greater than –15 dB (8 MHz to 240 MHz) with 75
W load
(this can be effected by circuit board layout and other external
electrical parasitics). With traditional coaxial links, the transformer
also provides a balanced differential to single-ended connection
between the transmitter/receiver IC and the coax. The dual package
allows connections of both transmit and receive channels as shown
in the Application Circuit below. The auto-insertable SMD packaging
allows for a cost-effective solution for the application.
Application Circuit:
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
Quick-Facts: 619 674 9672
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 287 8998
FAX:65 280 0080
DISTRIBUTOR
75
W
COAX
RX
RTIP
RRING
TTIPO
TRINGO
Vcc
R4
R5
C2
1:1
1/2 ST6200T
1/2 ST6200T
R6
1:1
1:1
1/2 ST6200T
R3
Vcc
1/2 ST6200T
C1
1:1
R1 R2
75
W
COAX
TTIPO
TRINGO
RTIP
RRING
TX
TX
RX
NOTES:
1.
Resistors R1, R2, R4, R5: 37.5
W, 2%, 1/4W
2.
Resistors R3 and R6: 75
W , 2%, 1/4W
PRELIMINARY A105.P (10/99)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com