Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1007 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T1007
Description  T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1007 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T1007 Datasheet HTML 1Page - Pulse A Technitrol Company T1007 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T1/E1/CEPT/ISDN-PRI
QUAD TRANSFORMERS
Surface Mount Package
Mechanical
Quad transformers in a surface mount package
supports two T1/E1 ports
Available in transmit and/or receive configurations
Models matched to leading quad and dual
T1/E1/CEPT transceivers
UL recognized
Isolation voltage: 1500Vrms
Schematics
1
2
3
Turns Ratio A,B
OCL @ 25°C
LL
CW/W
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±2%)
(mH MIN)
(µH MAX)
(pF MAX)
(MAX)
(MAX)
SchematicD
Pins
T1001C
1:1.36 / 1
1.2
0.40
30
0.7
1.0
YB/1
1-3, 5-7, 10-12, 14-16
T1005C
1:1.58 / 1.266
1.2
0.50
24
0.6
0.8
YB/1
1-3, 5-7, 10-12, 14-16
T1006
1:2CT
1.2
0.35
30
0.6
1.0
YB/1
1-3, 5-7, 10-12, 14-16
T1007
1:1.15CT
1.2
0.70
23
0.6
0.8
YB/1
1-3, 5-7, 10-12, 14-16
T1008
1:1.36 and 1:2
1.2
0.80
35
0.6
1.0
YB/2
1-3, 10-12, 19-17, 28-26
T1009
1:1.265 / 1
1.2
0.80
35
0.6
0.8
YB/1
1-3, 5-7, 10-12, 14-16
T1010C
1:1.36CT
1.2
0.50
30
0.6
0.8
YB/1
1-3, 5-7, 10-12, 14-16
T1016C
1:2 / 1.15
1.2
0.40
30
0.6
1.0
YB/1
1-3, 5-7, 10-12, 14-16
T1017
1:2.3 / 2
1.2
0.80
35
0.6
1.1
YB/3
1-3, 28-26, 10-12, 19-17
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
T10XX
Date Code Country of Origin U.S. Pat. 5015981
.750
19,05
15X.050
1,27
MAX
1.000
25,40
32X .018
0,46
.425 ± .005
10,80
0,13
.280
7,11
4 X 3°
2 X 15°
0°– 8°
MAX
.295
7,49
2 X 10°
.310
7,87
SUGGESTED PAD LAYOUT
TYP
.050
1,27
.465
11,81
32X.030
0,76
32X .100
2,54
.780
19,81
28
26
57
27
10
19
17
18
13
12 14
16
32
30
31
23
21
22
28
26
57 10
19
17
13
12 14
16
32
30
23
21
1.36
1
1.36
1
1
212
28
26
57
6
10
19
17
15
13
12 14
16
32
30
31
23
21
22
1
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
YB
Weight . . . . . . . . . . . . . .2.7 grams
Tape & Reel . . . . . . . . . . . .200/reel
Tube . . . . . . . . . . . . . . . . . .20/tube
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
T615.A (2/07)


Similar Part No. - T1007

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1007 PULSE-T1007 Datasheet
154Kb / 8P
TRANSFORMERS
T1007NL PULSE-T1007NL Datasheet
154Kb / 8P
TRANSFORMERS
More results

Similar Description - T1007

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
PCA ELECTRONICS INC.
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
2001/03/15
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT Transformers
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com