Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1007 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T1007
Description  T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1007 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T1007 Datasheet HTML 1Page - Pulse A Technitrol Company T1007 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEVEL ONE
LXT332
T1
Transmit
T1017
1:2.3
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1006
1:2CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
E1/CEPT
Transmit
T1006
1:2
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1006
1:2CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
T1
Transmit
T1007
1:1.15
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1006
1:2CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
VLSI
VP14Q575
75
Ω/E1
Transmit
T1005
1:1.266
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
120
Ω/CEPT
Transmit
T1005
1:1.58
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
E1/CEPT
Receive
T1006
1:2CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
AT&T/LUCENT
T7690 (5V)
T1
Transmit
T1007
1:1.15
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1007
1:1.15CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
E1/CEPT
Transmit
T1010
1:1.36
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1010
1:1.36CT
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
PMC-SIERRA
PM4314QDSX
T1
Transmit
T1008
1:1.36
(1-3) : (32-30), (10-12) : (23-21)
Receive
T1008
1:2
(28-26) : (5-7), (19-17) : (14-16)
E1/CEPT
Transmit
T1008
1:1.36
(1-3) : (32-30), (10-12) : (23-21)
Receive
T1008
1:2
(28-26) : (5-7), (19-17) : (14-16)
EXAR
XR-5793/5795
T1
Transmit
T1009
1:1.265
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1009
1:1
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
75
Ω/E1
Transmit
T1009
1:1
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
120
Ω/CEPT
Transmit
T1009
1:1.265
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
E1/CEPT
Receive
T1009
1:1
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
CRYSTAL
CS61582/3/4
T1
Transmit
T1016
1:2
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1016
1:1.15
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
(5V)
E1/CEPT
Transmit
T1016
1:2
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
Receive
T1016
1:1.15
(1-3) : (32-31), (5-7) : (28-27), (10-12) : (23-22), (14-16) : (19-18)
CS61584 (3V) T1/E1/CEPT
Trans/Rec
T1016
1:2
(1-3) : (32-30), (5-7) : (28-26), (10-12) : (23-21), (14-16) : (19-17)
HIGH FREQUENCY COMMON MODE CHOKES, 4-LINES
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
IC
IC
Application
T/R
Pulse
Ratio
Pins
Manufacturer
Part Number
Part No.
Pulse
Turns Ratio
OCL
CW/W
LL
DCR
Isolation
Package
Part Number
(±5%)
(µH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(Vrms MIN)
PE-65554
1:1:1:1
24.0
15
.20
0.30
500
Through Hole
PE-65555
1:1:1:1
8.0
10
.20
0.25
500
Through Hole
PE-65854
1:1:1:1
47.0
16
.20
0.30
500
Surface Mount
PE-65857
1:1:1:1
24.0
15
.23
0.30
500
Surface Mount
Note: See G002 for Mechanicals and Schematics of Common Mode Chokes
.
Common Mode Chokes for Telecom Applications
T1/E1/CEPT/ISDN-PRI
QUAD TRANSFORMERS
Surface Mount Package
NOTES FROM TABLES
A. OCL (primary inductance) and LL (leakage inductance) are measured at the primary
winding. Turns ratio is specified primary: secondary. (CT = Center Tap).
B. To make a 1:1 ratio from a 1:2CT ratio, use one-half of the secondary (2CT) winding.
C. Dual Ratio Transformers — These transformers have tapped secondary windings to
provide two turns ratios (T/R). Use entire primary winding and connect secondary
pins listed below to obtain desired turns ratio:
Part # Turns Ratio 1
Secondary Pins
Turns Ratio 2
Secondary Pins
T1001
1:1
31-32, 27-28, 22-23, 18-19
1:1.36
30-32, 26-28, 21-23, 17-19
T1005
1:1.266
31-32, 27-28, 22-23, 18-19
1:1.58
30-32, 26-28, 21-23, 17-19
T1016
1:1.15
31-32, 27-28, 22-23, 18-19
1:2
30-32, 26-28, 21-23, 17-19
T1017
1:2
31-32, 5-6, 22-23, 14-15
1:2.3
30-32, 5-7, 21-23, 14-16
D. Standard packaging is anti-static tubes. Optional Tape & Reel packaging can be
ordered by adding a “T” suffix to the part number, (i.e. T001T).
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
www.pulseeng.com
T615.A (2/07)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2007. Pulse Engineering, Inc. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com