Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBR2012 Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012 Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  LBR2012 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
81
12
wound01_e-02
/
■ PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
●1608(0603)TYPE
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 1608T1R0M
RoHS
1.0
±20%
100
0.17
160
7.96
LB 1608T2R2M
RoHS
2.2
80
0.33
115
LB 1608T4R7M
RoHS
4.7
45
0.55
70
LB 1608T8R2M
RoHS
8.2
32
0.70
60
2.52
LB 1608T100M
RoHS
10
32
0.70
60
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LBMF1608T1R0M
RoHS
1.0
±20%
100
0.09
230
7.96
LBMF1608T2R2M
RoHS
2.2
80
0.17
160
LBMF1608T3R3M
RoHS
3.3
60
0.22
130
LBMF1608T4R7M
RoHS
4.7
45
0.24
110
LBMF1608T100□
RoHS
10
±10%
±20%
32
0.36
80
2.52
LBMF1608T220□
RoHS
22
16
1.0
50
LBMF1608T470□
RoHS
47
11
2.5
35
・□Please specify the Inductance tolerance code(K or M)
●2012(0805)TYPE
●2016(0806)TYPE
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C2012T1R0M
RoHS
1.0
±20%
100
0.19
620
7.96
LB C2012T2R2M
RoHS
2.2
70
0.33
430
LB C2012T4R7M
RoHS
4.7
45
0.50
295
LB C2012T100□
RoHS
10
±10%
±20%
40
1.2
200
2.52
LB C2012T220□
RoHS
22
16
3.7
130
LB C2012T470□
RoHS
47
11
5.8
90
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 2016T1R0M
RoHS
1.0
±20%
100
0.09
490
7.96
LB 2016T1R5M
RoHS
1.5
80
0.11
380
LB 2016T2R2M
RoHS
2.2
70
0.13
375
LB 2016T3R3M
RoHS
3.3
55
0.20
285
LB 2016T4R7M
RoHS
4.7
45
0.25
225
LB 2016T6R8M
RoHS
6.8
38
0.35
200
LB 2016T100□
RoHS
10
±10%
±20%
32
0.50
155
2.52
LB 2016T150□
RoHS
15
28
0.70
130
LB 2016T220□
RoHS
22
16
1.0
105
LB 2016T330□
RoHS
33
14
1.7
85
LB 2016T470□
RoHS
47
11
2.4
70
LB 2016T680□
RoHS
68
10
3.0
55
LB 2016T101□
RoHS
100
8
4.5
40
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 2012T1R0M
RoHS
1.0
±20%
100
0.15
405
7.96
LB 2012T2R2M
RoHS
2.2
80
0.23
260
LB 2012T3R3M
RoHS
3.3
55
0.30
235
LB 2012T4R7M
RoHS
4.7
45
0.40
190
LB 2012T6R8M
RoHS
6.8
38
0.47
135
LB 2012T100□
RoHS
10
±10%
±20%
32
0.70
120
2.52
LB 2012T100□R
RoHS
10
32
0.50
120
LB 2012T150□
RoHS
15
28
1.3
100
LB 2012T220□
RoHS
22
16
1.7
80
LB 2012T470□
RoHS
47
11
3.7
60
LB 2012T680□
RoHS
68
10
6.0
50
LB 2012T101□
RoHS
100
8
7.0
45
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB R2012T1R0M
RoHS
1.0
±20%
100
0.07
400
7.96
LB R2012T2R2M
RoHS
2.2
80
0.13
260
LB R2012T4R7M
RoHS
4.7
45
0.24
200
LB R2012T100□
RoHS
10
±10%
±20%
32
0.36
150
2.52
LB R2012T220□
RoHS
22
16
1.0
100
LB R2012T470□
RoHS
47
11
1.7
75
LB R2012T101□
RoHS
100
8
4.0
50
0.796
・□Please specify the Inductance tolerance code(K or M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com