Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBR2012 Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012 Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  LBR2012 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
82
12
wound01_e-02
■ PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
●2518(1007)TYPE
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C2016T1R0M
RoHS
1.0
±20%
100
0.10
690
7.96
LB C2016T1R5M
RoHS
1.5
80
0.15
600
LB C2016T2R2M
RoHS
2.2
70
0.20
520
LB C2016T3R3M
RoHS
3.3
55
0.27
410
LB C2016T4R7M
RoHS
4.7
45
0.37
355
LB C2016T6R8M
RoHS
6.8
38
0.59
290
LB C2016T100□
RoHS
10
±10%
±20%
32
0.82
245
2.52
LB C2016T150□
RoHS
15
28
1.2
200
LB C2016T220□
RoHS
22
16
1.8
165
LB C2016T330□
RoHS
33
14
2.8
135
LB C2016T470□
RoHS
47
11
4.3
110
LB C2016T680□
RoHS
68
10
7.0
95
LB C2016T101□
RoHS
100
8
8.0
75
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB R2518T1R0M
RoHS
1.0
±20%
100
0.045
960
7.96
LB R2518T2R2M
RoHS
2.2
68
0.07
480
LB R2518T4R7M
RoHS
4.7
45
0.10
345
LB R2518T100□
RoHS
10
±10%
±20%
30
0.19
235
2.52
LB R2518T220□
RoHS
22
19
0.44
175
LB R2518T470□
RoHS
47
11
0.84
120
LB R2518T101□
RoHS
100
9
1.89
80
0.796
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 2518T1R0M
RoHS
1.0
±20%
100
0.06
665
7.96
LB 2518T1R5M
RoHS
1.5
80
0.07
405
LB 2518T2R2M
RoHS
2.2
68
0.09
340
LB 2518T3R3M
RoHS
3.3
54
0.11
280
LB 2518T4R7M
RoHS
4.7
46
0.13
240
LB 2518T4R7MR
RoHS
4.7
46
0.10
235
LB 2518T6R8M
RoHS
6.8
38
0.15
195
LB 2518T100□
RoHS
10
±10%
±20%
30
0.25
165
2.52
LB 2518T150□
RoHS
15
23
0.32
145
LB 2518T220□
RoHS
22
19
0.50
115
LB 2518T330□
RoHS
33
15
0.70
95
LB 2518T470□
RoHS
47
12
0.95
85
LB 2518T680□
RoHS
68
9.5
1.5
70
LB 2518T101□
RoHS
100
9.0
2.1
60
0.796
LB 2518T151□
RoHS
150
7.0
3.2
45
LB 2518T221□
RoHS
220
5.5
4.5
40
LB 2518T331□
RoHS
330
4.5
7.0
30
LB 2518T471□
RoHS
470
3.5
10
25
LB 2518T681□
RoHS
680
3.0
17
20
LB 2518T102□
RoHS
1000
2.4
24
15
0.252
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C2518T1R0M
RoHS
1.0
±20%
100
0.080
775
7.96
LB C2518T1R0MR
RoHS
1.0
100
0.065
890
LB C2518T1R5M
RoHS
1.5
80
0.11
730
LB C2518T2R2M
RoHS
2.2
68
0.13
630
LB C2518T3R3M
RoHS
3.3
54
0.16
560
LB C2518T4R7M
RoHS
4.7
41
0.20
510
LB C2518T6R8M
RoHS
6.8
38
0.30
420
LB C2518T100□
RoHS
10
±10%
±20%
30
0.36
375
2.52
LB C2518T150□
RoHS
15
23
0.65
285
LB C2518T220□
RoHS
22
19
0.77
250
LB C2518T330□
RoHS
33
15
1.5
185
LB C2518T470□
RoHS
47
12
1.9
165
LB C2518T680□
RoHS
68
9.5
2.8
140
LB C2518T101□
RoHS
100
9.0
3.7
125
0.796
LB C2518T151□
RoHS
150
7.0
6.1
95
LB C2518T221□
RoHS
220
5.5
8.4
80
LB C2518T331□
RoHS
330
4.5
12.3
65
LB C2518T471□
RoHS
470
3.5
22
50
LB C2518T681□
RoHS
680
3.0
28
45
・□Please specify the Inductance tolerance code(K or M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com