Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC4MP-B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NC4MP-B
Description  Smallest available hard wiring receptacles with large solder cups
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC4MP-B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NC4MP-B Datasheet HTML 1Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P Series
back
NC4MP-B
There are no technical infos for this product.
Product
Connector Type
XLR
Gender
male
Electrical
Capacitance between contacts
≤ 7 pF
Contact resistance
≤ 5 mΩ
Dielectric strength
1,5 kVdc
Insulation resistance
> 2 G
Ω (initial)
Insulation resistance
> 1 G
Ω (after damp heat test)
Rated current per contact
10 A
Rated voltage
50 V
Mechanical
Insertion force
≤ 20 N
Withdrawal force
≤ 20 N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com