Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC4MP-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NC4MP-B
Description  Smallest available hard wiring receptacles with large solder cups
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC4MP-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NC4MP-B Datasheet HTML 1Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 2Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 3Page - List of Unclassifed Manufacturers NC4MP-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Lifetime
> 1000 mating cycles
Wire size
max. 1.5 mm²
Wire size
max. 16 AWG
Wiring
Solder contacts
Locking device
latch lock
Mounting direction
front
Chassis shape
P
Material
Contact plating
0.2 µm AuCo over 2 µm NiP15 (Tribor®)
Contacts
Brass (CuZn39Pb3)
Insert
Polyamide (PA 6.6 30 % GR)
Locking element
Steel Ck67
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Black chromium
Environmental
Flammability
UL 94 HB
Standard compliance
IEC 61076-2-103
Solderability
Complies with IEC 68-2-20
Temperature range
-30 °C to +80 °C
Optical
Mobile Cables



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com