Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC245AFP Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LVC245AFP
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC245AFP Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LVC245AFP Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LVC245A
5
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Propagation delay time
t
PLH
2.7
—
—
8.0
ns
A or B
B or A
t
PHL
3.3
±0.3
1.5
—
7.0
ns
5.0
±0.5
—
—
5.5
ns
Output enable time
t
ZH
2.7
—
—
9.5
ns
OE
A or B
t
ZL
3.3
±0.3
1.5
—
8.5
ns
5.0
±0.5
—
—
7.0
ns
Output disable time
t
ZH
2.7
—
—
8.5
ns
OE
A or B
t
LZ
3.3
±0.3
1.5
—
7.5
ns
5.0
±0.5
—
—
6.5
ns
Between outut pins skew
*1
t
OSLH
2.7
—
—
—
ns
t
OSHL
3.3
±0.3
—
—
1.0
ns
5.0
±0.5
—
—
1.0
ns
Input capacitance
C
IN
2.7
—
3.0
—
pF
Output capacitance
C
O
2.7
—
15.0
—
pF
Note:
1. This parameter is characterized but not tested.
tos
LH = | tPLHm - tPLHn |, tosHL = | tPHLm - tPHLn|



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com