Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC245AFP Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LVC245AFP
Description  Octal Bidirectional Transceivers with 3-state Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC245AFP Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74LVC245AFP Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC245AFP Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LVC245A
7
Waveforms – 2
V
– 0.3 V
OH
V
+ 0.3 V
OL
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
GND
Waveform - A
OE
Waveform - B
Vref
Vref
Vref
Vref
VIH
≈V
OL1
≈V
OH1
TEST
VIH
Vref
VOH1
VOL1
1.5 V
3 V
GND
50%Vcc
2.7 V
Vcc
Vcc
GND
Vcc=2.7V,
3.3
±0.3V
Vcc=5.0
±0.5V
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform : PRR = 10 MHz, duty cycle 50%
3.
Waveform – A shows input conditions such that the output is "L" level when enable by the
output control.
4.
Waveform – B shows input conditions such that the output is "H" level when enable by the
output control.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com