Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA2040
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA2040 Datasheet HTML 8Page - STMicroelectronics TDA2040 Datasheet HTML 9Page - STMicroelectronics TDA2040 Datasheet HTML 10Page - STMicroelectronics TDA2040 Datasheet HTML 11Page - STMicroelectronics TDA2040 Datasheet HTML 12Page - STMicroelectronics TDA2040 Datasheet HTML 13Page - STMicroelectronics TDA2040 Datasheet HTML 14Page - STMicroelectronics TDA2040 Datasheet HTML 15Page - STMicroelectronics TDA2040 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Applications
TDA2040
12/16
Doc ID 1460 Rev 6
Figure 23.
Active power filter
A more effective solution, named "Active Power Filter" by STMicroelectronics, is shown in
Figure 23. The proposed circuit can be realized by combined power amplifiers and
12-dB/octave or 18-dB/octave high-pass or low-pass filters.
The component values calculated for fc = 900Hz using a Bessel 3rd order Sallen and Key
structure are:
C1 = C2 = C3 = 22 nF
R1 = 8.2 k
Ω
R2 = 5.6 k
Ω
R3 = 33 k
Ω
In the block diagram of Figure 24 is represented an active loudspeaker system completely
realized using power integrated circuit, rather than the traditional discrete transistors on
hybrids, very high quality is obtained by driving the audio spectrum into three bands using
active crossovers (TDA2320A) and a separate amplifier and loudspeakers for each band. A
modern subwoofer/midrange/tweeter solution is used.
Figure 24.
High-power active loudspeaker system using TDA2030A and TDA2040
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com