Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2040
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2040 Datasheet HTML 1Page - STMicroelectronics TDA2040 Datasheet HTML 2Page - STMicroelectronics TDA2040 Datasheet HTML 3Page - STMicroelectronics TDA2040 Datasheet HTML 4Page - STMicroelectronics TDA2040 Datasheet HTML 5Page - STMicroelectronics TDA2040 Datasheet HTML 6Page - STMicroelectronics TDA2040 Datasheet HTML 7Page - STMicroelectronics TDA2040 Datasheet HTML 8Page - STMicroelectronics TDA2040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical specifications
TDA2040
4/16
Doc ID 1460 Rev 6
2.3
Electrical characteristics
The specifications given here were obtained with the conditions VS = ±16 V, Tamb = 25 °C
unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VS
Supply voltage
-
±4.5
-
±20
V
Id
Quiescent drain current
VS = ±4.5 V
VS = ±20 V
-
-
45
30
100
mA
mA
Ib
Input bias current
VS = ±20 V
-
0.3
1
μA
VOS
Input offset voltage
VS = ±20 V
-
±2
±20
mV
IOS
Input offset current
-
-
±200
nA
Po
Output power
d = 0.5%, f = 1 kHz, Tamb = 60 °C
RL = 4 Ω
RL = 4 Ω, VS = ±17
RL = 8 Ω
20
-
22
25
12
-
-
W
d = 0.5%, f = 15 kHz; Tamb = 60 °C
RL = 4 Ω
RL = 4 Ω, VS = ±17
15
18
20
-
d = 10%, f = 1 kHz
RL = 4 Ω, VS = ±17
30
BW
Power bandwidth
Po = 1 W, RL = 4 Ω
-
100
-
Hz
GvOL
Voltage gain (open loop)
f = 1 kHz
-
80
-
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
29.5
30
30.5
dB
d
Total harmonic distortion
Po = 0.1 to 10 W, RL = 4 Ω,
f = 40 to 15000 Hz
-0.08
-
%
Po = 0.1 to 10 W, RL = 4 Ω, f = 1 kHz
-
0.03
-
%
eN
Input noise voltage
B = Curve A
B = 22 Hz to 22 kHz
-
-
2
3
-
10
μV
IN
Input noise current
B = Curve A
B = 22 Hz to 22 kHz
-
-
50
80
-
200
pA
Ri
Input resistance (pin 1)
-
0.5
5
-
M
Ω
SVRR
Supply voltage rejection ratio
GV = 30 dB, RL = 4 Ω, Rg = 22 kΩ, f = 100 Hz
Vripple = 0.5 V RMS
40
50
-
dB
h
Efficiency
f = 1 kHz
Po = 12 W, RL = 8 Ω
Po = 22 W, RL = 4 Ω
-
-
66
63
-
-
%
Tj
Thermal shutdown junction
temperature
-
-
-
145
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com