Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC3312 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3312
Description  6.5 Gbps 12x12 Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3312 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3312 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3312 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3312
DATA INTERCONNECT
VPPD-01370
Revision 1.0
VSC3312
SWITCH
REGISTERS
12
12
Output[0:11]
12
12
Input[0:11]
EQ
EQ
Two-Wire/Four-Wire Serial
6.5 Gbps 12x12 Crosspoint Switch
FEA TURES:
APPLICA TIONS:
BLOCK DIAGRAM:
BENEFITS:
  6.5 Gbps non-return-to-zero (NRZ) data bandwidth
  Fully non-blocking and multicasting switch core with per-pin signal 
inversion capability
  Multiple time-constant programmable input and output equalization
  Wide equalization adjustment range
  Fully asynchronous operation with <1 ns latency
  Reconfigurable Input/Output (I/O) capability 
  LOS detection and forwarding
  Transparent support for virtually all data rates and protocols
  Allows complete flexibility in routing and distributing signals 
  Compensates for multiple impairments in a signal path
  Supports all types of interconnect media: PCB, backplanes, and cable
  No adjustments based on data rate or reference clock required 
  Customize the I/O to the application
  OOB forwarding for protocols like SAS and SATA
  Wideband signal switching and clean-up
  Line driver or receiver
  Backplane signal fanout, driver, or receiver
  Copper cable driver or receiver
  PCB signal enhancement


Similar Part No. - VSC3312

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
6.5 Gbps 12x12 Crosspoint Switch
More results

Similar Description - VSC3312

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
1.5 Gbps 4X4 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Analog Devices
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
M21145 MA-COM-M21145 Datasheet
328Kb / 2P
6.5 Gbps 80x80/160x160 Crosspoint Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com