Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # BAV70
Description  Small Signal Switching Chip Diode Dual Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

BAV70 Datasheet(HTML) 1 Page - Compact Technology Corp.

  BAV70 Datasheet HTML 1Page - Compact Technology Corp. BAV70 Datasheet HTML 2Page - Compact Technology Corp. BAV70 Datasheet HTML 3Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
Case : SIT23CD Plastic case
Weight : approx 21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SOT-23CD
REVERSE VOLTAGE -100 Volts
FORWARD CURRENT - 0.2 Ampere
BAV70
Small Signal Switching Chip Diode
Dual Series
Fast Switching dual chip diode with common anode.
Silicon Epitaxial Planar Chip Diode.
Green product
1/3
BAV70


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
Small Signal Switching Diode, Dual
09-Mar-06
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
Small Signal Switching Diode, Dual
09-Jul-04
logo
Compact Technology Corp...
BAV99 CTC-BAV99 Datasheet
113Kb / 3P
Small Signal Switching Chip Diode Dual Series
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
Small Signal Switching Diode, Dual
17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
Small Signal Switching Diode, Dual
16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
Small Signal Switching Diode, Dual
15-May-13
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
Small Signal Switching Diode, Dual
13-Feb-18
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
Small Signal Switching Diode, Dual
13-Feb-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com