Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 6 Page - Compact Technology Corp.

Part # TL431
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

TL431 Datasheet(HTML) 6 Page - Compact Technology Corp.

  TL431 Datasheet HTML 1Page - Compact Technology Corp. TL431 Datasheet HTML 2Page - Compact Technology Corp. TL431 Datasheet HTML 3Page - Compact Technology Corp. TL431 Datasheet HTML 4Page - Compact Technology Corp. TL431 Datasheet HTML 5Page - Compact Technology Corp. TL431 Datasheet HTML 6Page - Compact Technology Corp. TL431 Datasheet HTML 7Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SOT-23 Dimension
TO-92 Dimension
Ordering Information
Package
VREF: 2.5 0.8%
VREF: 2.5 0.4%
SOT-23
TL431BN
TL431CN
TO-92
TL431BA
TL431CA
3
1
A
D
B
C
I
1
E
2
3
G
H
2
F
3-Lead
Package Code: A
TO-92 Plastic Package
H
J
K
D
A
L
G
V
C
B
3
2
1
S
DIM
Min.
Max.
A
2.80
3.04
B
1.20
1.60
C
0.89
1.30
D
0.30
0.50
G
1.70
2.30
H
0.013
0.10
J
0.085
0.177
K
0.32
0.67
L
0.85
1.15
S
2.10
2.75
V
0.25
0.65
*: Typical, Unit: mm
Marking:
Pb Free Mark
Pb-Free: " " (Note)
Normal: None
43 1
Note: Pb-free product can distinguish by the green
label or the extra description on the right
side of the label.
Pin Style: 1.Reference 2.Cathode 3.Anode
Material:
Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
Mold Compound: Epoxy resin family,
flammabilitysolidburningclass: UL94V-0
3-Lead SOT-23 Plastic
Surface Mounted Package
Package Code: N
TL431 Series
CTC-IC-0002-VER2.0
6/7
TL431
Pin style: 1.Reference 2.Cathode 3.Anode
Pin Style :1.Reference 2.Anode 3.Cathode
Material:
Lead solder plating: Sn60/Pb40 ( Normal ).
Sn/3.0 Ag/0.5 Cu or Pure-Tin (Pb free)
Mold compound: Epoxy resin family.
Flammability solid buening calss :UL 94V-0
*: Typical, Unit: mm
X Y
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com