Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # TL431
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

TL431 Datasheet(HTML) 1 Page - Compact Technology Corp.

  TL431 Datasheet HTML 1Page - Compact Technology Corp. TL431 Datasheet HTML 2Page - Compact Technology Corp. TL431 Datasheet HTML 3Page - Compact Technology Corp. TL431 Datasheet HTML 4Page - Compact Technology Corp. TL431 Datasheet HTML 5Page - Compact Technology Corp. TL431 Datasheet HTML 6Page - Compact Technology Corp. TL431 Datasheet HTML 7Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL431 Series
Adjustable Precision Shunt Regulator
Description
The
TL431 series are three-terminal adjustable regulators with
guaranteed thermal stability over applicable temperature ranges. The
output voltage may be set to any value between VREF (approximately 2.5
volts) and 36 volts with two external resistors. These devices have a
typical dynamic output impedance of 0.2 . Active output circuitry provides
a very sharp turn-on characteristic, making these devices excellent
replacement for zener diodes in many applications.
Features
Programmable Precise Output Voltage from 2.5V to 36V
High Stability under Capacitive Load
Low Temperature Deviation: 4.5mV Typical
Low Dynamic Output Resistance: 0.2
Typical
Sink Current Capacity from 1mA to 100 mA
Low Output Noise
Wide Operating Range of -40 to 125
oC
Low Equivalent Full-range Temperature Coefficient with 20PPM/
oC Typical
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified)
Characteristics
Symbol
Value
Unit
Cathode Voltage
VKA
40
V
Cathode Current Range (Continuous)
IK
-100~+150
mA
Reference Input Current Range
IREF
0.05~+10
mA
SOT-23
370
TO-92
770
--
--
Power Dissipation
PD
--
--
mW
Operating Temperature Range (Max.)
T opr
-40~+125
oC
Storage Temperature Range
Tstg
-65~+150
oC
Operating Conditions
Characteristics
Symbol
Min.
Max.
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current Range (Continuous)
IK
1
100
mA
Operating Ambient Temperature Range
-40
125
oC
TL431 Series Pin Assignment
3-Lead Plastic SOT-23
Package Code: N
Pin 1: Reference
Pin 2: Cathode
Pin 3: Anode
1
2
3
3-Lead Plastic TO-92
Package Code: A
Pin 1: Reference
Pin 2: Anode
Pin 3: Cathode
1 2
3
TL431 Series
CTC-IC-0002-VER2.0
1/7
TL431


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com