Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40FS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # B40FS
Description  Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40FS Datasheet(HTML) 1 Page - Diotec Semiconductor

  B40FS_13 Datasheet HTML 1Page - Diotec Semiconductor B40FS_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B40FS ... B500FS
B40FS ... B500FS
“Slim” Profile Fast switching Surface Mount Si-Bridge-Rectifiers
Schnelle Si-Brückengleichrichter für die Oberflächenmontage mit „schlanker“ Bauhöhe
Version 2013-07-26
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Alternating input voltage
Eingangswechselspannung
40...380 V
Plastic case SO-DIL “SLIM“
Kunststoffgehäuse SO-DIL “SLIM“
8.3 x 6.4 x 2.5
[mm]
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
B40FS
40
80
B80FS
80
160
B125FS
125
250
B250FS
250
600
B380FS
380
800
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid per diode – Gültig pro Diode
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
10.2
±0.4
7.9±0.4
~
~
+
1.3
8.3
-0.1
5.1
Type
Typ


Similar Part No. - B40FS_13

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results

Similar Description - B40FS_13

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_10 Datasheet
106Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40S15A DIOTEC-B40S15A Datasheet
102Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_11 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_14 Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S-SLIM DIOTEC-B40S-SLIM Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_13 Datasheet
131Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com