Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40FS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B40FS
Description  Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40FS Datasheet(HTML) 2 Page - Diotec Semiconductor

  B40FS_13 Datasheet HTML 1Page - Diotec Semiconductor B40FS_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B40FS ... B500FS
Characteristics
Kennwerte
Max. average forward rectified current
Dauergrenzstrom
TA = 50°C
R-load
C-load
IFAV
IFAV
1.0 A 1)
0.8 A 1)
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.3 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to/auf IR = 0.25 A
trr
< 300 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 60 K/W1)
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
CL [µF]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
Rt [Ω]
B40FS
2500
0.005
2.0
80
B80FS
1250
0.005
4.0
160
B125FS
800
0.005
6.3
250
B250FS
333
0.005
15.0
600
B380FS
250
0.005
20.0
800
1
Mounted on P.C. Board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Valid per diode – Gültig pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 25°C
j
T = 125°C
j
40a-(1a-1.3v)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com