Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8657 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8657
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8657 Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8657 Datasheet HTML 1Page - ON Semiconductor ECH8657 Datasheet HTML 2Page - ON Semiconductor ECH8657 Datasheet HTML 3Page - ON Semiconductor ECH8657 Datasheet HTML 4Page - ON Semiconductor ECH8657 Datasheet HTML 5Page - ON Semiconductor ECH8657 Datasheet HTML 6Page - ON Semiconductor ECH8657 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
35
V
Zero-Gate Voltage Drain Current
IDSS
VDS=35V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=2A
1.66
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=2A, VGS=10V
45
59
mΩ
RDS(on)2
ID=1A, VGS=4.5V
85
119
mΩ
RDS(on)3
ID=1A, VGS=4V
110
155
mΩ
Input Capacitance
Ciss
VDS=20V, f=1MHz
230
pF
Output Capacitance
Coss
37
pF
Reverse Transfer Capacitance
Crss
25
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
6ns
Rise Time
tr
11
ns
Turn-OFF Delay Time
td(off)
17
ns
Fall Time
tf
9ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=4.5A
4.6
nC
Gate-to-Source Charge
Qgs
1.0
nC
Gate-to-Drain “Miller” Charge
Qgd
1.0
nC
Diode Forward Voltage
VSD
IS=4.5A, VGS=0V
0.85
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ECH8657-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=2A
RL=10Ω
VDD=20V
VOUT
ECH8657
VIN
10V
0V
VIN
ECH8657
No. A1710-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com