Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8657 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8657
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8657 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8657 Datasheet HTML 1Page - ON Semiconductor ECH8657 Datasheet HTML 2Page - ON Semiconductor ECH8657 Datasheet HTML 3Page - ON Semiconductor ECH8657 Datasheet HTML 4Page - ON Semiconductor ECH8657 Datasheet HTML 5Page - ON Semiconductor ECH8657 Datasheet HTML 6Page - ON Semiconductor ECH8657 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
1.5
0.5
2.5
3.0
1.0
2.0
3.5
4.0
0
0
IT14210
IT14211
0.1
0.4
0.2
0.6
0.5
0.3
0.8
0.7
0.9
1.0
0
1
2
3
4
5
1
4
2
5
3
6
VDS=10V
VGS=3.0V
3.5V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
0.2
0.4
0.6
1.2
1.0
0.8
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
7
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
40
80
160
200
120
VGS
=4.0V
, ID=1A
VGS
=10.0V
, ID=2A
VGS
=4.5V
, ID
=1A
IT14213
IT14214
IT14215
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
10
1.0
7
5
3
7
5
3
2
2
0.1
2
1.0
35
7
IT14216
VDD=15V
VGS=10V
td(off)
tr
tf
10
23
5
7
td(on)
0.1
2
2
5
3
1.0
7
5
3
2
0.01
0.1
2
57
32
1.0
57
35 7
3
0
100
10
7
5
3
5
3
2
2
30
515
20
25
10
IT14217
f=1MHz
Ciss
Coss
Crss
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
IT16223
Ta=25
°C
ID=1A
2A
0
2
10
12
8
6
414
16
0
40
80
160
120
240
200
ECH8657
No. A1710-3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com