Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMZ2A Datasheet(PDF) 2 Page - Rohm

Part # IMZ2A
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMZ2A Datasheet(HTML) 2 Page - Rohm

  IMZ2A Datasheet HTML 1Page - Rohm IMZ2A Datasheet HTML 2Page - Rohm IMZ2A Datasheet HTML 3Page - Rohm IMZ2A Datasheet HTML 4Page - Rohm IMZ2A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMZ2 / UMZ2N / IMZ2A
Transistors
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
Tr1 (PNP)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
−50
−6
−
−
−
120
−
−
−
−
−
−
−
−
−0.1
−0.1
−0.5
560
V
V
µA
µA
V
−
IC =
−1mA
BVCBO
−60
−−
VIC =
−50µA
IE =
−50µA
VCB =
−60V
VEB =
−6V
IC/IB =
−50mA/−5mA
VCE =
−6V , IC = −1mA
fT
Cob
−
−
140
4
−
5
MHz
pF
VCE =
−12V , IE = 2mA , f = 100MHz
VCB =
−12V , IE = 0A , f = 1MHz
Tr2 (NPN)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
50
7
−
−
−
120
−
−
−
−
−
−
−
−
0.1
0.1
0.4
560
V
V
µA
µA
V
−
IC = 1mA
BVCBO
60
−−
VIC = 50
µA
IE = 50
µA
VCB = 60V
VEB = 7V
IC/IB = 50mA/5mA
VCE = 6V , IC = 1mA
fT
Cob
−
−
180
2
−
3.5
MHz
pF
VCE = 12V , IE =
−2mA , f = 100MHz
VCB = 12V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
∗
∗
∗ Transition frequency of the device.
∗ Transition frequency of the device.
Electrical characteristics curves
PNP Tr
Fig.1 Grounded emitter propagation
characteristics
−0.2
−50
−20
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6
VCE=
−6V
BASE TO EMITTER VOLTAGE : VBE (
V)
Ta=100˚C
25˚C
−40˚C
Fig.2 Grounded emitter output
characteristics (I)
−0.4
−4
−8
−1.2
0
−2
−6
−10
−0.8
−1.6
−2.0
−3.5µA
−7.0
−10.5
−14.0
−17.5
−21.0
−24.5
−28.0
−31.5
IB=0
Ta=25˚C
−35.0
COLLECTOR TO MITTER VOLTAGE : VCE (
V)
Fig.3 Grounded emitter output
characteristics (II)
−40
−80
−5
−3
−4
−2
−1
−20
−60
−100
0
IB=0
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
−50µA
−100
−150
−200
−250
−500
−450
−400
−350
−300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com