Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMZ2A Datasheet(PDF) 1 Page - Rohm

Part # IMZ2A
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMZ2A Datasheet(HTML) 1 Page - Rohm

  IMZ2A Datasheet HTML 1Page - Rohm IMZ2A Datasheet HTML 2Page - Rohm IMZ2A Datasheet HTML 3Page - Rohm IMZ2A Datasheet HTML 4Page - Rohm IMZ2A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMZ2 / UMZ2N / IMZ2A
Transistors
Rev.A
1/4
Power management (dual transistors)
EMZ2 / UMZ2N / IMZ2A
Feature
1) Both a 2SA1037AK chip and 2SC2412K chip in a
EMT or UMT or SMT package.
Equivalent circuits
EMZ2 / UMZ2N
(3)
(2)
(1)
(4)
(5)
(6)
Tr1
Tr2
IMZ2A
(4)
(5)
(6)
(3)
(2)
(1)
Tr1
Tr2
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
−60
60
Tr1
Tr2
Unit
V
−50
50
V
−67
−150
150
V
mA
300 (TOTAL)
−55 to +150
°C
150
°C
VCBO
VCEO
VEBO
IC
150 (TOTAL)
∗2
∗1
IMZ2A
EMZ2, UMZ2N
mW
PC
Tj
Tstg
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Package, marking, and packaging specifications
Part No.
UMZ2N
UMT6
Z2
TR
3000
EMZ2
EMT6
Z2
T2R
8000
IMZ2A
SMT6
Z2
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
ROHM : EMT6
ROHM : UMT6
UMZ2N
EMZ2
EIAJ : SC-88
Each lead has same dimensions
0.1Min.
2.1
1.25
ROHM : SMT6
IMZ2A
EIAJ : SC-74
Each lead has same dimensions
0.3to0.6
2.8
1.6
Each lead has same dimensions
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - IMZ2A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMZ2A ROHM-IMZ2A Datasheet
74Kb / 3P
Power management (dual transistors)
IMZ2A ROHM-IMZ2A Datasheet
34Kb / 1P
Power Management(Dual Transistors)
IMZ2A ROHM-IMZ2A Datasheet
61Kb / 2P
Power management (dual transistors)
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A Datasheet
48Kb / 2P
POWER MANAGEMENT DUAL TRANSISTORS
logo
Rohm
IMZ2A ROHM-IMZ2A Datasheet
106Kb / 5P
Power management (dual transistors)
More results

Similar Description - IMZ2A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
Power management (dual transistors)
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF8 ROHM-EMF8 Datasheet
83Kb / 5P
Power management (dual transistors)
EMF19 ROHM-EMF19 Datasheet
94Kb / 5P
Power management (dual transistors)
UMY4N ROHM-UMY4N Datasheet
61Kb / 2P
Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
Power management (dual transistors)
VT6X1 ROHM-VT6X1_13 Datasheet
1Mb / 8P
Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com