Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113FA Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT113FA
Description  Submarine War LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113FA Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT113FA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LCD Pattern Contrast Table
Pad No.
Pin No.
COM0
COM1
COM2
COM3
SEGMENT
65
1
2A
2G
2D
C9
SEG31
64
2
2F
2E
C3
C6
SEG30
63
3
1B1CC1
C5
SEG29
62
4
1A
1G
1D
C2
SEG28
61
5
1F
1E
C4
C8
SEG27
60
6
S
L
C7
C14
SEG26
59
7
T
B1
C10
C19
SEG25
58
8
A1
B2
C11
C17
SEG24
57
9
A2B3B6
C16
SEG23
56
10
A3
B4
C12
C13
SEG22
55
11
A4
B5
C15
C18
SEG21
54
12
A5
B7
B12
B16
SEG20
53
13
A7
B8
B9
B14
SEG19
52
14
A8
A6
B10
B11
SEG18
51
15
A10
A9
B15
B13
SEG17
50
16
A11
E18
E14
E9
SEG16
49
17
B17
E16
E12
E11
SEG15
48
18
E17
E13
E10
E6
SEG14
47
19
E19
E15
E7
E5
SEG13
46
20
D18
D14
D11
E8
SEG12
45
21
F15
D17
D15
F5
SEG11
44
22
D19
F9
F8
F4
SEG10
43
23
F14
F11
F7
F2
SEG9
42
24
F13
F12
F10
F1
SEG8
41
25
G
D16
F6
F3
SEG7
40
26
S2
D2
D13
D5
SEG6
39
27
S1
D1
D12
D4
SEG5
38
28
4-0
D3
D10
D6
SEG4
37
29
3B
3C
D7
E1
SEG3
36
30
3A
3G
3D
E2
SEG2
35
31
3F
3E
D8
E3
SEG1
34
32
2B
2C
D9
E4
SEG0
8
33
COM0
—
—
—
COM0
7
34
—
COM1
—
—
COM1
6
35
—
—
COM2
—
COM2
5
36
—
—
—
COM3
COM3
HT113FA
6
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com