Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113FA Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT113FA
Description  Submarine War LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113FA Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT113FA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
♦ The eleventh route: C6
→ B9 → B13
♦ The enemy’s bombs drop vertically.
♦ The enemy submarine fires torpedoes from
left to right.
• After all the nine levels are completed, the
game is re-initiated from level 7-1. However,
the score is continually incremented until a
score of 9990 is reached. When 9990 is the
current score, the system will record it as the
highest score. Then the score is cleared to
zero.
Counting methods
• 20 points are awarded when the enemy’s
bombers or warships are hit in the upper wa-
terway.
• 10 points are awarded when the enemy’s
bombers or warships are hit in the lower wa-
terway.
• 10 points are awarded when the enemy’s sub-
marine is hit by a torpedo.
• 5 points are awarded when a round is com-
pleted and the player’s submarine has not
been hit.
Sound effects
• Music when a game begins
• Sound when the player’s submarine arrives
(three times)
• Howling sound when the bomber appears
• Sound when the bomber drops a bomb
• Sound when the submarine fires a missile
• Sound when the submarine fires a torpedo
• Music when scores are added
• Music when a round is completed
• Explosion sound
• Sound when two bombs hit each other
• Sound when a game is over
HT113FA
4
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com