Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113RA Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT113RA
Description  Poker and Black Jack LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113RA Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT113RA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
–
INSURANCE
When the dealer’s second card is an ACE,
it is quite possible that the dealer will win
BLACK JACK. In this case, the player
may pay half of the bets to buy insurance.
The dealer, if he wins BLACK JACK, will
refund all the bets to the player. If not, the
dealer will confiscate the 1/2 bets. And the
game goes on running.
–
SPLT
When the two cards held by the player have
the same value, (s)he may lay the bet on any
one of his/her two cards. Nevertheless, the
player still has to lay another bet for the
other unbetted card.
When one or possibly two of the above three
conditions take place, the exact symbol,
namely INSURANCE, DOUBLE, or SPLIT,
will flash. At this time, the player has the
choice of one or none of these conditions.
However, the player is not suggested to bet
if his/her money to gamble with is not suffi-
cient for that bet.
♦ If there is no special case, pressing the DEAL
key deals the cards. However, when the
STAND (KEY4) key is pressed, no more cards
are dealt. The dealer can then deal additional
cards to himself. The rules are pretty easy.
The dealer is required to deal himself another
card if the sum of his current cards is less than
17. Otherwise, if the sum is 17 or greater, he
is not required to deal himself any more cards.
♦ The various betting rates of loss are listed
in the following:
BLACK JACK
(a score of 21 for two cards)
1.5
A score of less than 21 for 5 cards
0.5
A score of 7 for 3 cards
3.0
The player’s score greater than
the dealer’s
1.0
• POKER (SHOW HAND)
♦ After the bets are made, five cards are dealt
by pressing the DEAL key. Below each card
is a HOLD symbol. The player may keep the
desired cards by pressing the appropriate
number of keys up to five keys. When the
cards are highlighted, it signifies that these
cards are to be reserved for betting. Other-
wise, cards are to be re-dealt by pressing the
DEAL key. On the basis of the five cards,
the rates for winning and losing are calcu-
lated in the following ways:
–
pair (jacks or better), 1 time
–
two pairs, 2 times
–
three of a kind, 3 times
–
straight, 5 times
–
flush, 8 times
–
full house, 35 times
–
four of a kind, 100 times
–
straight flush, 500 times
–
royal flush, 1000 times
♦ On winning, the player can obtain the score
by pressing the TAKE (KEY 5) key, and the
next game will start immediately. Or by
pressing the DOUBLE (KEY 4) key, the
big-or-small card value guessing game
comes into play. In this card value guessing
game, the card at the right most of the five
cards is covered on the screen. The four
remaining cards are the same as those at
the previous four deals. The player may
press the BIG (KEY 4) or SMALL (KEY 2)
key to guess that the value of the covered
card is greater or less than 7. If 7 turns out
to be the score, the player wins no matter
whether his/her guess is greater or less than
7. The rate for winning is two times his/her
original bet whereas the player loses the
entire bet if the wrong guess is made.
HT113RA
4
2nd Dec ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com