Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113RA Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT113RA
Description  Poker and Black Jack LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113RA Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT113RA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
• The total number of cards is 52. The cards are
re-shuffled until the number of undealt cards
is less than 10. The shuffling is shown by the
individual highlighting of the 5 cards on the
right hand corner of the screen.
• By pressing the GAME key, the player can
change the game type, but still maintains the
current stake.
Counting methods
• The betting rates of loss for BLACK JACK
BLACK JACK
1.5
The sum of 5 cards less than 21
0.5
The sum of 3 cards is 7
3.0
The sum of the player’s card is
greater than that of the dealer’s
1.0
• The betting rates of winning for POKER
♦ Pair (jacks or better) 1 time
♦ Two pairs 2 times
♦ Three of a kind 3 times
♦ Straight 5 times
♦ Flush 8 times
♦ Full house 35 times
♦ Four of a kind 100 times
♦ Straight flush 500 times
♦ Royal flush 1000 times
• When the money to gamble with reaches
999999, no more scores can be added.
• When the bet is an odd number, the digits
which are produced by the losing rates are
rounded off to the nearest whole number.
Sound effects
• Sound when the cards are dealt
• Sound for prompting the user to press the
keys
• Music for winning a score
• Sound for POKER, J PAIR or BETTER
prompting
• Sound when the wrong key is pressed
• Sound for shuffling
• Music when the score is BLACK JACK
• Sound for losing BLACK JACK
• Music for winning BLACK JACK
• Sound for losing POKER
• Music for winning POKER
• Music for game start
• Music for game over
Voice sound effects (coupled with the external
HT-8125B speech IC):
• Sound for shuffling
• Sound for dealing
• Sound when the money is put in
• Sound for money dropping
• Sound for losing
• Sound for winning
HT113RA
5
2nd Dec ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com