Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT12E
Description  Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT12E Datasheet HTML 4Page - Holtek Semiconductor Inc HT12E Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E Datasheet HTML 9Page - Holtek Semiconductor Inc HT12E Datasheet HTML 10Page - Holtek Semiconductor Inc HT12E Datasheet HTML 11Page - Holtek Semiconductor Inc HT12E Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
The address/data bits of the HT12A are transmitted with a 38kHz carrier for infrared remote con-
troller flexibility.
Address/data programming (preset)
The status of each address/data pin can be individually pre-set to logic ²high² or ²low². If a transmis-
sion-enable signal is applied, the encoder scans and transmits the status of the 12 bits of ad-
dress/data serially in the order A0 to AD11 for the HT12E encoder and A0 to D11 for the HT12A
encoder.
During information transmission these bits are transmitted with a preceding synchronization bit. If
the trigger signal is not applied, the chip enters the standby mode and consumes a reduced current of
less than 1mA for a supply voltage of 5V.
Usual applications preset the address pins with individual security codes using DIP switches or PCB
wiring, while the data is selected by push buttons or electronic switches.
The following figure shows an application using the HT12E:
The transmitted information is as shown:
Pilot
&
Sync.
A0
1
A1
0
A2
1
A3
0
A4
0
A5
0
A6
1
A7
1
AD8
1
AD9
1
AD10
1
AD11
0
HT12A/HT12E
8
April 11, 2000
TE
VD D
A 0A1
A2
A3
A4
A5
A6
A7
VS S
A D 8 AD 9 A D 1 0AD 1 1
OS C 1
OS C 2
DO UT
T r ans m i s s i on
m edi um
V DD
VS S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com