Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT12E
Description  Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT12E Datasheet HTML 1Page - Holtek Semiconductor Inc HT12E Datasheet HTML 2Page - Holtek Semiconductor Inc HT12E Datasheet HTML 3Page - Holtek Semiconductor Inc HT12E Datasheet HTML 4Page - Holtek Semiconductor Inc HT12E Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT12A/HT12E
212 Series of Encoders
Selection Table
Function Address
No.
Address/
Data No.
Data
No.
Oscillator Trigger
Package
Carrier
Output
Negative
Polarity
Part No.
HT12A
8
0
4
455kHz
resonator
D8~D11
18 DIP
20 SOP
38kHz
No
HT12E
8
4
0
RC
oscillator
TE
18 DIP
20 SOP
No
No
Note: Address/Data represents pins that can be address or data according to the decoder require-
ment.
1
April 11, 2000
General Description
The 212 encoders are a series of CMOS LSIs for
remote control system applications. They are
capable of encoding information which consists
of N address bits and 12-N data bits. Each ad-
dress/data input can be set to one of the two
logic states. The programmed addresses/data
are transmitted together with the header bits
via an RF or an infrared transmission medium
upon receipt of a trigger signal. The capability
to select a TE trigger on the HT12E or a DATA
trigger on the HT12A further enhances the ap-
plication flexibility of the 212 series of encoders.
The HT12A additionally provides a 38kHz car-
rier for infrared systems.
Features
·
Operating voltage
-
2.4V~5V for the HT12A
-
2.4V~12V for the HT12E
·
Low power and high noise immunity CMOS
technology
·
Low standby current: 0.1mA (typ.) at
VDD=5V
·
HT12A with a 38kHz carrier for infrared
transmission medium
·
Minimum transmission word
-
Four words for the HT12E
-
One word for the HT12A
·
Built-in oscillator needs only 5% resistor
·
Data code has positive polarity
·
Minimal external components
·
HT12A/E: 18-pin DIP/20-pin SOP package
Applications
·
Burglar alarm system
·
Smoke and fire alarm system
·
Garage door controllers
·
Car door controllers
·
Car alarm system
·
Security system
·
Cordless telephones
·
Other remote control systems


Similar Part No. - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12E HOLTEK-HT12E Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
logo
SYC Electronica
HT12E SYC-HT12E Datasheet
191Kb / 12P
2 Series of Encoders
logo
Holtek Semiconductor In...
HT12E-20SOP HOLTEK-HT12E-20SOP Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT12E2T3 HOLTEK-HT12E2T3 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
HT12E2T4 HOLTEK-HT12E2T4 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
More results

Similar Description - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
312 Series of Encoders
December 13, 1999
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
312 Series of Encoders
September 9, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
KODENSHI_AUK CORP.
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com