Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet (PDF) - SYC Electronica

HT12E Datasheet PDF - SYC Electronica
Part # HT12E
Download  HT12E Download
File Size   191.39 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2 Series of Encoders

HT12E Datasheet (PDF)

Go To PDF Page Download Datasheet
HT12E Datasheet PDF - SYC Electronica

Part # HT12E
Download  HT12E Click to download

File Size   191.39 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2 Series of Encoders

HT12E Datasheet (HTML) - SYC Electronica


HT12E Product details

Features
 Operating voltage
 2.4V~5V for the HT12A
 2.4V~12V for the HT12E
 Low power and high noise immunity CMOS
technology
 Low standby current: 0.1A (typ.) at
VDD=5V
 HT12A with a 38kHz carrier for infrared
transmission medium
 Minimum transmission word
 Four words for the HT12E
 One word for the HT12A
 Built-in oscillator needs only 5% resistor
 Data code has positive polarity
 Minimal external components
 HT12A/E: 18-pin DIP/20-pin SOP package

Applications
 Burglar alarm system
 Smoke and fire alarm system
 Garage door controllers
 Car door controllers
 Car alarm system
 Security system
 Cordless telephones
 Other remote control systems




Similar Part No. - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12E HOLTEK-HT12E Datasheet
141Kb / 13P
Series of Encoders
April 11, 2000
HT12E HOLTEK-HT12E Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT12E-20SOP HOLTEK-HT12E-20SOP Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT12E2T3 HOLTEK-HT12E2T3 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
HT12E2T4 HOLTEK-HT12E2T4 Datasheet
1Mb / 13P
Operating voltage: 2V ~ 3.6V Output power up to 10dBm
More results


Similar Description - HT12E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
Series of Encoders
April 11, 2000
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
312 Series of Encoders
December 13, 1999
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
312 Series of Encoders
September 9, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
KODENSHI_AUK CORP.
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com