Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 8 Page - SYC Electronica

Part # HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Datasheet(HTML) 8 Page - SYC Electronica

Back Button HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica HT12E Datasheet HTML 10Page - SYC Electronica HT12E Datasheet HTML 11Page - SYC Electronica HT12E Datasheet HTML 12Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
The address/data bits of the HT12A are transmitted with a 38kHz carrier for infrared remote con-
troller flexibility.
Address/data programming (preset)
The status of each address/data pin can be individually pre-set to logic ²high² or ²low². If a transmis-
sion-enable signal is applied, the encoder scans and transmits the status of the 12 bits of ad-
dress/data serially in the order A0 to AD11 for the HT12E encoder and A0 to D11 for the HT12A
encoder.
During information transmission these bits are transmitted with a preceding synchronization bit. If
the trigger signal is not applied, the chip enters the standby mode and consumes a reduced current of
less than 1mA for a supply voltage of 5V.
Usual applications preset the address pins with individual security codes using DIP switches or PCB
wiring, while the data is selected by push buttons or electronic switches.
The following figure shows an application using the HT12E:
The transmitted information is as shown:
Pilot
&
Sync.
A0
1
A1
0
A2
1
A3
0
A4
0
A5
0
A6
1
A7
1
AD8
1
AD9
1
AD10
1
AD11
0
HT12A/HT12E
TE
VD D
A 0A1
A2
A3
A4
A5
A6
A7
VS S
A D 8 AD 9 A D 1 0AD 1 1
OS C 1
OS C 2
DO UT
T r ans m i s s i on
m edi um
V DD
VS S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com