Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 3 Page - SYC Electronica

Part # HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Datasheet(HTML) 3 Page - SYC Electronica

  HT12E Datasheet HTML 1Page - SYC Electronica HT12E Datasheet HTML 2Page - SYC Electronica HT12E Datasheet HTML 3Page - SYC Electronica HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Assignment
Pin Description
Pin Name I/O
Internal
Connection
Description
A0~A7
I
CMOS IN
Pull-high
(HT12A)
Input pins for address A0~A7 setting
These pins can be externally set to VSS or left open
NMOS
TRANSMISSION
GATE
PROTECTION
DIODE
(HT12E)
AD8~AD11
I
NMOS
TRANSMISSION
GATE
PROTECTION
DIODE
(HT12E)
Input pins for address/data AD8~AD11 setting
These pins can be externally set to VSS or left open
D8~D11
I
CMOS IN
Pull-high
Input pins for data D8~D11 setting and transmission en-
able, active low
These pins should be externally set to VSS or left open
(see Note)
DOUT
O
CMOS OUT
Encoder data serial transmission output
L/MB
I
CMOS IN
Pull-high
Latch/Momentary transmission format selection pin:
Latch: Floating or VDD
Momentary: VSS
HT12A/HT12E
8- A d d r ess
4- D a t a
A0
A1
A2
A3
A4
A5
A6
A7
VS S
VD D
DO UT
X1
X2
L/ M B
D1 1
D1 0
D9
D8
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
8- A d d r ess
4- D a t a
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
VD D
DO UT
X1
X2
L/ M B
D1 1
D1 0
D9
D8
NC
A0
A1
A2
A3
A4
A5
A6
A7
VS S
HT 1 2 A
18 D I P
HT 1 2 A
20 S O P
8- A d d r ess
4- A d d r ess/ D a t a
A0
A1
A2
A3
A4
A5
A6
A7
VS S
VD D
DO U T
OS C 1
OS C 2
TE
AD 1 1
AD 1 0
AD 9
AD 8
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
H T 1 2 E
1 8 D I P
8- A d d r ess
4- A d d r ess/ D a t a
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
VD D
DO U T
OS C 1
OS C 2
TE
AD 1 1
AD 1 0
AD 9
AD 8
NC
A0
A1
A2
A3
A4
A5
A6
A7
VS S
H T 1 2 E
2 0 S O P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com