Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 4 Page - SYC Electronica

Part # HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Datasheet(HTML) 4 Page - SYC Electronica

  HT12E Datasheet HTML 1Page - SYC Electronica HT12E Datasheet HTML 2Page - SYC Electronica HT12E Datasheet HTML 3Page - SYC Electronica HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin Name I/O
Internal
Connection
Description
TE
I
CMOS IN
Pull-high
Transmission enable, active low (see Note)
OSC1
I
OSCILLATOR 1 Oscillator input pin
OSC2
O
OSCILLATOR 1 Oscillator output pin
X1
I
OSCILLATOR 2 455kHz resonator oscillator input
X2
O
OSCILLATOR 2 455kHz resonator oscillator output
VSS
I
¾
Negative power supply, grounds
VDD
I
¾
Positive power supply
Note: D8~D11 are all data input and transmission enable pins of the HT12A.
TE is a transmission enable pin of the HT12E.
Approximate internal connections
Absolute Maximum Ratings
Supply Voltage (HT12A) ..............-0.3V to 5.5V
Supply Voltage (HT12E) ...............-0.3V to 13V
Input Voltage....................VSS-0.3 to VDD+0.3V
Storage Temperature.................-50°Cto125°C
Operating Temperature...............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT12A/HT12E
NM O S
T R AN SM I S SI O N
GA T E
CM O S I N
Pu l l - h i g h
CM O S O UT
OS C I L L A T OR 1
OS C 2
OS C 1
OS C I L L A T OR 2
X1
X2
EN
NM O S T RA NS M I S S I O N G A T E
P R OT E C T I ON D I O D E
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com