Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 5 Page - SYC Electronica

Part # HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Datasheet(HTML) 5 Page - SYC Electronica

  HT12E Datasheet HTML 1Page - SYC Electronica HT12E Datasheet HTML 2Page - SYC Electronica HT12E Datasheet HTML 3Page - SYC Electronica HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics
HT12A
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
5
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
5V
¾
0.1
1
mA
IDD
Operating Current
3V No load
fOSC=455kHz
¾
200
400
mA
5V
¾
400
800
mA
IDOUT
Output Drive Current
5V
VOH=0.9VDD (Source)
-1
-1.6
¾
mA
VOL=0.1VDD (Sink)
2
3.2
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
RDATA D8~D11 Pull-high
Resistance
5V VDATA=0V
¾
150
300
kW
HT12E
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
12
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
3V No load
fOSC=3kHz
¾
40
80
mA
12V
¾
150
300
mA
IDOUT Output Drive Current
5V
VOH=0.9VDD (Source)
-1
-1.6
¾
mA
VOL=0.1VDD (Sink)
1
1.6
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillator Frequency
5V ROSC=1.1MW¾
3
¾
kHz
RTE
TE Pull-high Resistance
5V VTE=0V
¾
1.5
3
MW
HT12A/HT12E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com