Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12E Datasheet(PDF) 9 Page - SYC Electronica

Part # HT12E
Description  2 Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT12E Datasheet(HTML) 9 Page - SYC Electronica

Back Button HT12E Datasheet HTML 4Page - SYC Electronica HT12E Datasheet HTML 5Page - SYC Electronica HT12E Datasheet HTML 6Page - SYC Electronica HT12E Datasheet HTML 7Page - SYC Electronica HT12E Datasheet HTML 8Page - SYC Electronica HT12E Datasheet HTML 9Page - SYC Electronica HT12E Datasheet HTML 10Page - SYC Electronica HT12E Datasheet HTML 11Page - SYC Electronica HT12E Datasheet HTML 12Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Address/Data sequence
The following provides the address/data sequence table for various models of the 212 series of
encoders. The correct device should be selected according to the individual address and data require-
ments.
Part No.
Address/Data Bits
0123456789
10
11
HT12A
A0
A1
A2
A3
A4
A5
A6
A7
D8
D9
D10
D11
HT12E
A0
A1
A2
A3
A4
A5
A6
A7
AD8 AD9 AD10 AD11
Transmission enable
For the HT12E encoders, transmission is enabled by applying a low signal to the TE pin. For the
HT12A encoders, transmission is enabled by applying a low signal to one of the data pins D8~D11.
Two erroneous HT12E application circuits
The HT12E must follow closely the application circuits provided by Holtek (see the ²Application cir-
cuits²).
· Error: AD8~AD11 pins input voltage > VDD+0.3V
HT12A/HT12E
H T 12E
OS C 2
OS C 1
TE
VSS
VD D
AD 1 1
AD 1 0
AD 9
AD 8
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com