Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1330 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1330
Description  3 1/2 Digit Timer Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1330 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1330 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pad Assignment
Pad Coordinates
Unit: mil
Pad
No.
XY
Pad
No.
XY
1
-62.7 58.7
16
27.3 -58.7
2
-62.7 48.7
17
37.3 -58.7
3
-62.7 30.1
18
47.3 -58.7
4
-62.7 17.2
19
58.3 -58.7
5
-62.7 7.3
20
62.7 -38.8
6
-62.7 -18.7
21
62.7 -23.7
7
-62.7 -58.7
22
62.7 48.6
8
-52.7 -58.7
23
62.7 58.7
9
-42.7 -58.7
24
43.8 58.7
10
-32.7 -58.7
25
33.8 58.7
11
-22.7 -58.7
26
5.8
58.7
12
-12.7 -58.7
27
-4.3 58.7
13
-2.7 -58.7
28
-38.6 58.7
14
7.3 -58.7
29
-48.6 58.7
15
17.3 -58.7
Chip size: 119 ´ 112 (mil)
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Operational Sequence
Note: S1 for Hour setting
S2 for Minute setting
S3 to Start/Stop the timer
S3>5 seconds into the real time setting mode
S1/S2 to reset the timer to the initial state (0:00)
S1/S2/S3 to return to the real time mode
HT1330
2
August 10, 2000
1
16
2
17
3
18
4
19
5
20
6
21
7
22
8
23
9
24
10
25
11
26
12
27
13
28
14
29
15
(0 , 0 )
S3
S2
S1
VE E
CA P 2
CA P 1
CO M 1
BU S Y
OS C 2
OS C 1
Po w e r o n
R eal T i m e S et t i ng
U p / D ow n T i m e r
S3
S3 > 5 s e c
S1 o r S 2
S3
S3
S1 / S 2
S1 / S 2 / S 3
S1 / S 2
S 1 / S 2 or S 1/ S 2 / S 3
S 1 / S 2 or S 1/ S 2 / S 3
C o unt - dow n T i m e r
R eal T i m e
C ount - up T i m e r
C ount - dow n
T i m e S e tti n g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com