Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1330 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1330
Description  3 1/2 Digit Timer Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1330 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1330 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1330 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Rating
Supply Voltage.................................-0.3V to 5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ................-0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electric Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Supply Voltage
1.5V
¾
1.25
1.50 1.70
V
IDD
Operating Current
1.5V
fosc=32768Hz
No load
¾¾
2
mA
VEE
Display Voltage
1.25~1.7V
¾-1.2
-1.5 -1.7
V
IIN
Switch Input Current
1.5V
VIN=VDD
5
¾
65
mA
VSTR
Osc Starting Voltage
¾
Within 3 secs
1.35
¾¾
V
Df/f
Frequency Stability
1.25~1.7V
¾¾
¾
10
PPM
IOHA
Alarm Output Drive Current
1.5V
VOH=1.35V
-480
¾¾
mA
fOUT
Alarm Output Frequency
1.5V
¾¾
4096
¾
Hz
IOHF
Busy Flag Output Drive
Current
1.5V
VOH=1.35V
-480
¾¾
mA
HT1330
4
August 10, 2000
Functional Description
When power is turned on, all the LCD segments
are illuminated to display ²18:88² and the
alarm sounds 2 seconds.
For fast-test, hold the ²TP1² pin high and the
minute digit will be increased every second.
In the count-down mode, when the time has gone
past the set time and the alarm is stopped, the set
time will remain at its current state or be reset to
0:00 depending on the bonding of the ²OPT² pin
to VDD.
In the timer mode, while the timer is counting,
the actual time can be displayed by pressing ²S1².
Once ²S1² is released, the count-down time will
be shown instead.
In the count-up mode, the LCD display is nor-
mally in minutes and seconds where the maxi-
mum count-up period is 20 minutes. If ²S2² is
pressed, the LCD display will revert to hours
and minutes and the maximum count-up time
will turn out to be 20 hours.
The timer alarm will sound during the
count-down process as listed below:
4 sounds are generated at 10 minutes before
the set time is up.
8 sounds are generated at 5 minutes before the
set time is up.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com