Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1602L Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1602L
Description  40 Dot Matrix LCD Segment Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1602L Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT1602L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Application Circuits
HT1602L
6
September 1, 2000
D0
L CD
AL T
H T 1602L
Y 0 ~ Y 3 9
DO 3 9
DI2 0
DO 1 9
DI0
CL K
V2
VSS
V3
VD D
V 5
DI0
AL T
H T 1602L
Y 0 ~ Y 3 9 DO 3 9
DI2 0
DO 1 9
CL K
LO A D
V2
VSS
V3
VD D
V 5
DI0
AL T
H T 1602L
Y 0 ~ Y 3 9 DO 3 9
DI2 0
DO 1 9
CL K
LO A D
V2
VSS
V3
VD D
V 5
CL K
L
AL T
V DD
GN D
V1
V2
V3
V4
V5
LO A D
R
+5 V
R
R
R
R
CC
C
C
C
0V
VR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com