Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1602L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1602L
Description  40 Dot Matrix LCD Segment Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1602L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1602L Datasheet HTML 1Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 2Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1602L Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 6.0V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.7
¾
5.2
V
IOP
Operating Current
5V No load
¾
100
300
mA
IDD
Standby Current
5V
¾¾
15
mA
fLCD
Clock Frequency
5V
¾
3.3
¾¾
MHz
twCLK
Clock Pulse Width
5V
¾
125
¾¾
ns
VIL
²L² Input Voltage
5V
¾¾
¾
0.3VDD
V
VIH
²H² Input Voltage
5V
¾
0.7VDD
¾¾
V
VLCD
LCD Driving Voltage
5V
¾
3.0
¾
5.0
V
HT1602L
4
September 1, 2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com