Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABD-100 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ABD-100
Description  TWTD Series Full Size NEMA Pushbuttons
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABD-100 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ABD-100 Datasheet HTML 17Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 18Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 19Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 20Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 21Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 22Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 23Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 24Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ø30mm - TWTD Series
Switches & Pilot Devices
680
www.IDEC.com
Contact Arrangement Chart: 3-Position Selector Switches
Style
Mounting
Position
Operator Position
Contact Block
Part Number
Description
Operator Part Number
Contact
Circuit
Number
Maintained
Spring Return
from Right
Spring Return
from Left
Two-Way
L
C
R
L
C
R
L
C
R
L
C
R
L
C
R
1NO
1NC
202
1
X
O
O
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
X
X
O
BST-001
203
1
O
X
X
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
O
O
X
BST-010
302
1
X
O
X
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
X
X
O
BST-001
303
1
O
X
O
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
O
O
X
BST-010
2NO
N/D
1
X
O
O
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
O
O
X
BST-010
301
1
X
O
X
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
O
O
X
BST-010
2NC
304
1
O
X
O
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
X
X
O
BST-001
N/D
1
O
X
X
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
X
X
O
BST-001
2NO
2NC
N/D
1
X
O
O
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
O
O
X
BST-010
3
O
X
X
BST-001
4
X
X
O
BST-001
210
1
O
X
X
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-1
ASD3K00-1
ASLD300-1
ASD3100-1
ASD31K00-1
ASLD3100-1
ASD3200-1
ASD32K00-1
ASLD3200-1
ASD3300-1
ASD33K00-1
ASLD3300-1
2
O
O
X
BST-010
3
O
X
X
BST-001
4
O
O
X
BST-010
308
1
X
O
X
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
X
X
O
BST-001
3
X
O
X
BST-010
4
X
X
O
BST-001
309
1
X
O
X
BST-010
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
X
X
O
BST-001
3
O
X
O
BST-001
4
O
O
X
BST-010
310
1
O
X
O
BST-001
Knob/Lever
Key
Illuminated Knob
ASD300-2
ASD3K00-2
ASLD300-2
ASD3100-2
ASD31K00-2
ASLD3100-2
ASD3200-2
ASD32K00-2
ASLD3200-2
ASD3300-2
ASD33K00-2
ASLD3300-2
2
O
O
X
BST-010
3
O
X
O
BST-001
4
O
O
X
BST-010
1. Each operator sub-assembly is available as a “-1” and a “-2” for 3-position selector switches. The internal cam of a “-1” is different from that of a “-2”. This results in designated combinations of open
and closed contacts in the various operator positions.
2. N/D = No circuit number designation required in assembled part number.
3. X = On (closed contacts) O = Off (open contacts). X X Overlapping contacts remain on (closed) when switch is moved between these two positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com