Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABD-100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ABD-100
Description  TWTD Series Full Size NEMA Pushbuttons
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABD-100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ABD-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ABD-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ø30mm - TWTD Series
Switches & Pilot Devices
666
www.IDEC.com
Stop Switches (Assembled)
Stop Switches
Style
Contacts
Part Number
ø 40mm Pushlock Turn Reset
Non-Illuminated
1NO
1NC
1NO-1NC
2NO
2NC
AVD310N-R*
AVD301N-R*
AVD311N-R*
AVD320N-R*
AVD302N-R*
ø 40mm Illuminated Pushlock Turn
Reset
Full Voltage
1NO-1NC
2NO
2NC
AVLD39911nN-R-l*
AVLD39920nN-R-l*
AVLD39902nN-R-l*
Transformer
1NO-1NC
2NO
2NC
AVLD3 m 11nN-R*
AVLD3 m 20nN-R*
AVLD3 m 02nN-R*
ø 40mm Push-Pull
Non-Illuminated
1NO
1NC
1NO-1NC
2NO
2NC
AYD310N-j
AYD301N-j
AYD311N-j
AYD320N-j
AYD302N-j
ø 40mm Push-Pull
Full Voltage
1NO-1NC
2NO
2NC
AYLD39911nN-k-l **
AYLD39920nN-k-l **
AYLD39902nN-k-l **
Transformer
1NO-1NC
2NO
2NC
AYLD3 m 11nN-k **
AYLD3 m 20nN-k **
AYLD3 m 02nN-k**
ø 40mm Momentary Push-Pull
(3-position)
Full Voltage
1NO-1NC
1NC-1LB†
AYLD229911nN-k-l -TK962
AYLD229902SnN-k-l-TK962
Transformer
1NO-1NC
1NC-1LB†
AYLD22 m 11nN-k-TK962
AYLD22 m 02SnN-k-TK962
Unibody E-Stops
Style
Contacts
Part Number
ø 40mm Pushlock
Turn Reset
(available in Red only)
1NO-1NC
2NC
HN1E-BV4F11-R*
HN1E-BV4F02-R*
Illuminated ø 40mm
Pushlock Turn Reset
(available in Red only)
1NO-1NC
2NC
HN1E-LV4F11Qn-R-l
HN1E-LV4F02Qn-R-l
1. In place of j, specify the button color code
2. In place of k, specify the lens color code.
3. In place of l, specify the Full Voltage (lamp voltage) Code.
4. In place of m, specify the transformer voltage code.
5. In place of n, specify the Lamp Type code.
6. With single unit construction, the positive action contacts
are integrated in the body of the switch. This provides an
extra degree of safety and reliability for critical emergency
stop functions.
7. HN1E series E-stops comply with the IEC “E-Stop
Addendum to the Low Voltage Directive,” this includes
“tamper proof” operation whereby a change of contact state is
not possible by “teasing” or “floating” the operator.
8. 3 position push-pull available in spring return to center only.
9. *Available in red only.
10. **Not available in blue.
11. †The most common configuration for motor starting applica-
tions.
12. For sub-assembly part numbers, see next page.
13. For nameplates and accessories, see page 684 and page 682.
14. For dimensions, see page 687.
3 Position Push-Pull†
Contact
Push
Center
Pull
NC
(BST-001)
O
O
X
NC-LB
(BST-001S)
O
X
X
NO
(BST-010)
X
O
O
NO-EM
(BST-010S)
X
X
O
j
Button Color Codes
Color
Code
Black
B
Green
G
Red
R
Blue
S
Yellow
Y
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
l
Full Voltage Codes
Voltage
Code
6V AC/DC
6V
12V AC/DC
12V
24V AC/DC
24V
120V AC
120V
240V AC
240V (LED only)
m
Transformer Voltage Codes
Voltage
Code
120VAC
126
240VAC
246
480VAC
486
Transformers step down to 6V.
n
Lamp Type Codes
Lamp
Code
Incandescent
Blank
LED
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com