Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1623 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT1623
Description  RAM Mapping 48x8 LCD Controller for I/O C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1623 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT1623 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Circuits
*Note: The connection of IRQ and RD pin can be selected depending on the requirement of the mC.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kW±20%.
Adjust R (external pull-high resistance) to fit user¢s time base clock.
HT1623
15
April 21, 2000
BZ
IR Q
H T 1623
DA T A
1 / 4 B i a s , 1 / 8 D u t y
CS
RD
WR
LC D P a ne l
C O M 0 ~ C O M 7
S E G 0 ~ S E G 4 7
BZ
Pi e z o
*
On - c hi p O S C
C l o ck O u t
E x t e r n al C l o c k 1 ( 32k H z )
E x t e r n al C l o c k 2 ( 32k H z )
m C
C r yst a l
3276 8H z
R*
OS C I
OS C O
VR
*
VD D
VL C D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com