Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1623 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1623
Description  RAM Mapping 48x8 LCD Controller for I/O C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1623 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1623 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Command Summary
Name
ID
Command Code
D/C
Function
Def.
READ
110 A6A5A4A3A2A1A0D0D1D2D3 D Read data from the RAM
WRITE
101 A6A5A4A3A2A1A0D0D1D2D3 D Write data to the RAM
READ-
MODIFY-
WRITE
101 A6A5A4A3A2A1A0D0D1D2D3 D Read and Write data to the RAM
SYS DIS
100 0000-0000-X
C Turn off both system oscillator
and LCD bias generator
Yes
SYS EN
100 0000-0001-X
C Turn on system oscillator
LCD OFF
100 0000-0010-X
C Turn off LCD display
Yes
LCD ON
100 0000-0011-X
C Turn on LCD display
TIMER DIS
100 0000-0100-X
C Disable time base output
Yes
WDT DIS
100 0000-0101-X
C Disable WDT time-out flag output Yes
TIMER EN
100 0000-0110-X
C Enable time base output
WDT EN
100 0000-0111-X
C Enable WDT time-out flag output
TONE OFF
100 0000-1000-X
C Turn off tone outputs
Yes
CLR TIMER 100 0000-1101-X
C Clear the contents of the time
base generator
CLR WDT
100 0000-1111-X
C Clear the contents of the WDT
stage
RC 32K
100 0001-10XX-X
C System clock source, on-chip RC
oscillator
Yes
EXT (XTAL)
32K
100 0001-11XX-X
C
System clock source, external
32kHz clock source or crystal
oscillator 32.768kHz
TONE 4K
100 010X-XXXX-X
C Tone frequency output: 4kHz
TONE 2K
100 0110-XXXX-X
C Tone frequency output: 2kHz
IRQ DIS
100 100X-0XXX-X
C Disable IRQ output
Yes
IRQ EN
100 100X-1XXX-X
C Enable IRQ output
F1
100 101X-0000-X
C Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
100 101X-0001-X
C Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
100 101X-0010-X
C Time base clock output: 4Hz
The WDT time-out flag after: 1s
HT1623
16
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com