Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16512 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
Pin Assignment
HT16512
2
December 24, 1999
DI
S6 ~ S 1 0
S e r i a l I/ F
C o m m and D e c oder
D i sp l a y R A M
16- B i t ´ 11 W o r d s
Tim in g G e n e r a t o r
Ke y S c a n
4- B i t
Lat c h
K e y D a ta R A M ( 4 ´ 6)
OS C
4 - B i t L a tc h
S0 / K 0 ~
S5 / K 5
CS
SW 0 ~ SW 3
LE D 0 ~ L E D 3
CL K
DO
OS C
16- B i t
O u t put L a t c h
S egm en t
Dr i v e r
16
11
K0 ~ K 3
11- B i t
S h i ft R e g i s t e r
M u l t ip le x e d
Dr i v e r
Gr i d
Dr i v e r
11
6
5
5
D i m m i ng C i r c ui t
Da t a
Se l e c t o r
5
6
5
S 11/ G 10~
S 15/ G 6
5
G0 ~ G 5
6
VD D
VS S
VE E
06  $ # 
" "  3 . 2
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
SW 0
SW 1
SW 2
SW 3
DO
DI
CL K
CS
K0
K1
VS S
S8
S9
S1 0
S 11/ G 1 0
S 12/ G 9
S 13/ G 8
S 14/ G 7
S 15/ G 6
G5
G4
VE E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com