Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16512 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Approximate internal connections
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Operating Temperature ..............-25°Cto75°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Storage Temperature.................-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Logic Supply Voltage
¾¾
4.5
5
5.5
V
VEE
VFD Supply Voltage
¾¾
0
¾
VDD-30 V
fOSC
Oscillation Frequency
5V ROSC=51kW
350
500
650
kHz
RPL
Output Pull-low Resistor
5V Driver output
50
100
150
kW
IDD
Operating Current
5V No load,
VFD display off
¾¾
5mA
IOL
Driver Leakage Current
5V VO=VDD-30V
VFD driver off
¾¾
-10
mA
IOL1
LED Sink Current
5V VOL=1V
LED0~LED3
20
¾¾
mA
IOH1
LED Source Current
5V VOH=0.9VDD
LED0~LED3
-1
¾¾
mA
IOH21
Segment/Key Source Current
5V
VOH=VDD-2V
S0/K0~S5/K5,
S6~S10
-3
¾¾
mA
HT16512
4
December 24, 1999
NM O S O UT
V DD
PM O S O U T
CM O S O UT
V DD
V EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com