Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55008TR
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55008TR Datasheet HTML 4Page - STMicroelectronics PD55008TR Datasheet HTML 5Page - STMicroelectronics PD55008TR Datasheet HTML 6Page - STMicroelectronics PD55008TR Datasheet HTML 7Page - STMicroelectronics PD55008TR Datasheet HTML 8Page - STMicroelectronics PD55008TR Datasheet HTML 9Page - STMicroelectronics PD55008TR Datasheet HTML 10Page - STMicroelectronics PD55008TR Datasheet HTML 11Page - STMicroelectronics PD55008TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PD55008 - PD55008S
8/18
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
B1, B2
SHORT FERRITE BEAD, FAIR RITE
PRODUCTS (2743021446)
R3
10
Ω, 0805 CHIP RESISTOR
C1, C12
240 pF, 100 mil CHIP CAPACITOR
R4
33 k
Ω, 1/8 Ω RESISTOR
C2,C3,C10,C11
0 TO 20 pF, TRIMMER CAPACITOR
Z1
0.451” X 0.080” MICROSTRIP
C4
82 pF, 100 mil CHIP CAPACITOR
Z2
1.005” X 0.080” MICROSTRIP
C5,C16
120 pF, 100 mil CHIP CAPACITOR
Z3
0.020” X 0.080” MICROSTRIP
C6,C13
10
µF, 50 V ELECTROLYTIC
CAPACITOR
Z4
0.155” X 0.080” MICROSTRIP
C7, C14
1.200 pF, 100 mil CHIP CAPACITOR
Z5,Z6
0.260” X 0.233” MICROSTRIP
C8,C15
0.1 F, 100 mil CHIP CAPACITOR
Z7
0.065” X 0.080” MICROSTRIP
C9
30 pF, 100 mil CHIP CAPACITOR
Z8
0.266” X 0.080” MICROSTRIP
L1
55.5 nH, TURN, COILCRAFT
Z9
1.113” X 0.080” MICROSTRIP
N1, N2
TYPE N FLANGE MOUNT
Z10
0.433” X 0.080” MICROSTRIP
R1
15
Ω, 0805 CHIP RESISTOR
BOARD
ROGER ULTRA LAM 2000 THK
0.030”
ε
r = 2.55 2oz ED Cu BOTH
SIDES
R2
51
Ω, 1/2 W RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com