Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD55008TR
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD55008TR Datasheet HTML 9Page - STMicroelectronics PD55008TR Datasheet HTML 10Page - STMicroelectronics PD55008TR Datasheet HTML 11Page - STMicroelectronics PD55008TR Datasheet HTML 12Page - STMicroelectronics PD55008TR Datasheet HTML 13Page - STMicroelectronics PD55008TR Datasheet HTML 14Page - STMicroelectronics PD55008TR Datasheet HTML 15Page - STMicroelectronics PD55008TR Datasheet HTML 16Page - STMicroelectronics PD55008TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
PD55008 - PD55008S
COMMON SOURCE S-PARAMETER (PD55008S)
(VDS = 12.5V IDS = 150mA)
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
50
0.753
-146
15.56
92
0.036
4
0.666
-144
100
0.781
-159
7.52
78
0.036
-9
0.684
-157
150
0.812
-163
4.83
70
0.033
-17
0.717
-161
200
0.834
-166
3.46
62
0.032
-25
0.747
-162
250
0.856
-168
2.63
54
0.029
-31
0.784
-164
300
0.873
-169
2.07
48
0.028
-37
0.814
-165
350
0.887
-170
1.66
42
0.025
-42
0.836
-166
400
0.902
-172
1.37
37
0.023
-45
0.859
-168
450
0.915
-173
1.14
33
0.021
-48
0.873
-169
500
0.925
-174
0.96
29
0.019
-52
0.890
-171
550
0.935
-175
0.83
25
0.017
-56
0.906
-171
600
0.942
-176
0.71
22
0.015
-55
0.911
-173
650
0.946
-176
0.63
19
0.014
-56
0.922
-174
700
0.950
-177
0.55
16
0.013
-60
0.933
-175
750
0.956
-178
0.49
14
0.012
-58
0.936
-176
800
0.959
-179
0.44
12
0.010
-67
0.942
-177
850
0.964
-180
0.40
9
0.008
-66
0.942
-178
900
0.961
180
0.36
7
0.008
-65
0.947
-179
950
0.965
179
0.33
5
0.005
-62
0.954
-179
1000
0.967
178
0.30
3
0.006
-67
0.957
180
1050
0.970
178
0.27
2
0.004
-66
0.960
179
1100
0.970
177
0.25
0
0.004
-43
0.958
178
1150
0.970
177
0.23
-2
0.003
-42
0.963
178
1200
0.971
176
0.22
-3
0.002
-58
0.961
177
1250
0.973
175
0.20
-5
0.001
-13
0.960
177
1300
0.969
175
0.19
-6
0.001
31
0.956
176
1350
0.971
174
0.18
-7
0.002
60
0.959
175
1400
0.969
174
0.16
-7
0.001
67
0.957
175
1450
0.969
173
0.15
-8
0.003
79
0.965
174
1500
0.968
173
0.14
-9
0.004
125
0.965
174
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com